Part Number Hot Search : 
M37221M4 LXT914 FL127 LT1413A C2626 8272EE XF131 4DFT2
Product Description
Full Text Search
 

To Download CM1452-08CP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PRELIMINARY
CM1452
LCD & Camera EMI Filter Array with ESD Protection
Features
4, 6 and 8 channels of EMI filtering 15kV ESD protection (IEC 61000-4-2, contact discharge) 30kV ESD protection (HBM) Greater than 30dB of attenuation at 1GHz Chip Scale Package (CSP) with 0.40mm pitch and 0.25mm CSP solder ball which features extremely low parasitic inductance for optimum filter and ESD performance
OptiGuard Coating for improved reliability at assembly
Applications
LCD and Camera data lines in mobile handsets I/O port protection for mobile handsets, notebook computers, PDAs etc. EMI filtering for data ports in cell phones, PDAs or notebook computers. Wireless handsets Handheld PCs/PDAs LCD and camera modules
Lead-free version available
General Description
California Micro Devices' CM1452 is a family of pi-style EMI filter arrays with ESD protection, which integrates four, six and eight filters (C-L-C) in CSP form factor with 0.40mm pitch. Each EMI filter channel of the CM1452 is implemented as a 3-pole L-C filter where the component values are 20pF-17nH-20pF. The CM1452's roll-off frequency at -6dB attenuation is 330MHz and can be used in applications where the data rates are as high as 132Mbps while providing greater than 30dB over the 800MHz to 2.7GHz frequency range. The parts include ESD diodes on every I/O pin, which provide a very high level of protection for sensitive electronic components that may be subjected to electrostatic discharge (ESD). The ESD protection diodes connected to the filter ports are designed and characterized to safely dissipate ESD strikes of 15kV, beyond the maximum requirement of the IEC61000-4-2 international standard. Using the MIL-STD-883 (Method 3015) specification for Human Body Model (HBM) ESD, the pins are protected for contact discharges at greater than 30kV. This device is particularly well suited for wireless handsets, mobile LCD modules and PDAs because of its small package format and easy-to-use pin assignments. In particular, the CM1452 is ideal for EMI filtering and protecting data and control lines for the LCD display and camera interface in mobile handsets. The CM1452 incorporates OptiGuard which results in improved reliability at assembly. The CM1452 is available in a space saving, low profile Chip Scale Package with optional lead-free finishing (95.5Sn/3.8Ag/0.7Cu). It is manufactured with a 0.40mm pitch and 0.25mm CSP solder ball to provide up to 28% board space savings vs. competing CSP devices with 0.50mm pitch and 0.30mm CSP solder ball.
Schematic Diagram
CM1452 schematic diagram of 3-pole L-C filter array with ESD.
(c) 2005 California Micro Devices Corp. All rights reserved.
6/23/05
430 N. McCarthy Blvd., Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
1
PRELIMINARY
Package Diagrams
CM1452-04 (4-channel) mechanical diagram.
CM1452-06 (6-channel) mechanical diagram.
CM1452-08 (8-channel) mechanical diagram.
Pin Number
A1 A2 A3 A4 A5 A6 A7 A8 B1 B2
Pin Description
Filter #1 Filter #2 Filter #3 Filter #4 Filter #5 Filter #6 Filter #7 Filter #8 GND GND
Pin Number
B3 B4 C1 C2 C3 C4 C5 C6 C7 C8
Pin Description
GND GND Filter #1 Filter #2 Filter #3 Filter #4 Filter #5 Filter #6 Filter #7 Filter #8
(c) 2005 California Micro Devices Corp. All rights reserved.
6/23/05
430 N. McCarthy Blvd., Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
2
PRELIMINARY
Part Ordering Information
Pins
10 15 20
Package
CSP CSP CSP
Lead-free Finish
CM1452-04CP CM1452-06CP CM1452-08CP
Electrical Specifications
Specifications:
(At 25 C unless specified otherwise)
Min.
32
16
Typ.
17 40
20
Max.
48
24
Unit
nH pF
pF
Channel Inductance Total Channel Capacitance at 2.5Vdc; 1MHz, 30mVac
Capacitance C1 at 2.5V dc; 1MHz, 30mV ac
Cut-off Frequency, ZSOURCE = 50 , ZLOAD = 50 Roll-off Frequency at -6dB Attenuation, ZSOURCE = 50 , ZLOAD = 50 Stand-off Voltage, I = 10mA Diode Leakage at 3.3V reverse bias voltage Signal Clamp Voltage: Positive Clamp, 10mA Negative Clamp, -10mA In-system ESD withstand voltage*: Human Body Model (MIL-STD-883, method 3015) IEC 61000-4-2, contact discharge method Dynamic Resistance Temperature Range: Operating Storage Current per Inductor: DC Package Power Rating: Positive Negative
148 330 5.5 0.1 5.6 -1.5 30 15 2.3 0.9 -40 -65 85 150 30 0.5 6.8 -0.8 1.0 9.0 -0.4
MHz MHz V A V V kV kV
C mA W
* ESD applied to input/output pins with respect to GND, one at a time. Clamping voltage is measured at the opposite side of the EMI filter to the ESD pin (i.e. if ESD is applied to pin A1 then clamping voltage is measured at pin C1). Unused pins are left open. These parameters are guaranteed by design.
(c) 2005 California Micro Devices Corp. All rights reserved.
6/23/05
430 N. McCarthy Blvd., Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
3
PRELIMINARY
Typical EMI Filter Performance (0V d.c., 50 environment)
Typical Diode Capacitance vs. Input Voltage (normalized to 2.5V d.c.)
(c) 2005 California Micro Devices Corp. All rights reserved.
6/23/05
430 N. McCarthy Blvd., Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
4
PRELIMINARY
PRINTED CIRCUIT BOARD RECOMMENDATIONS
Pad size in PCB Pad Shape Pad Definition Solder Mask Opening Solder Stencil Thickness Solder Stencil Aperture Opening (Laser cut, 5% tapered walls) Solder Flux Ratio Solder Paste Type Bond Trace Finish Tolerance - Edge to Corner Ball Solder Ball Side Coplanarity Soldering Minimum Temperature Maximum Dwell Time above Liquidous (183C) Soldering Maximum Temperature 0.240mm Round Non Solder Mask Defined Pads 0.290mm Round 0.150mm 0.300mm (round) 50/50 by volume No Clean OSP (Entek Cu Plus 106A) 50m 20m 205'C for at least 30 seconds 60 seconds 260'C for at less than 2 minutes
(c) 2005 California Micro Devices Corp. All rights reserved.
6/23/05
430 N. McCarthy Blvd., Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
5
PRELIMINARY
Solder Reflow Profile
Eutectic (SnPb) Solder Ball Reflow Profile
Lead-free (SnAgCu) Solder Ball Reflow Profile
Tape & Reel Information
CMD PART # CHIP SIZE (mm) 1.67 x 1.05 x 0.57 2.47 x 1.05 x 0.57 3.30 x 1.05 x 0.57 POCKET SIZE
(mm) Bo x Ao x Ko
CM1452-04CP CM1452-06CP CM1452-08CP
TAPE WIDTH W 8mm 8mm 8mm
REEL DIAMETER 178mm (7") 178mm (7") 178mm (7")
QTY PER REEL 3500 3500 3500
P0 4mm 4mm 4mm
P1 4mm 4mm 4mm
(c) 2005 California Micro Devices Corp. All rights reserved.
6/23/05
430 N. McCarthy Blvd., Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
6


▲Up To Search▲   

 
Price & Availability of CM1452-08CP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X